|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Issue: 01 Specification AXHS1001 Oscillator type : PLL Synthesizer in SMD package Date: 2006-07-31 Parameter Frequency range Frequency step size Reference Input frequency Settling time RF output Signal waveform Amplitude Harmonics Spurious Phase Noise Supply voltage 1 VS1 Supply voltage 2 VS2 Current consumption (steady state) Operating temperature range Operable temperature range Storage temperature range Enclosure (LxWxH) Weight Packing ESD Sensitivity min. 1000 0.1 5 typ. max. 2000 1 40 20 Unit MHz MHz MHz msec Condition Note 1 Note 2 RL = 50 SINUS +5 -10 -50 4.75 14.25 -40 -45 -55 38 x 25 x 10 5 bulk 1500 -92 5 15 50 5.25 15.75 +85 +90 +95 dBm dBc dBc dBc/Hz V V mA C C C mm gram V @ 10 kHz (Note 2) SMD style S103 IEC 60286-3 HBM, IEC 61000-4-2 Notes: 1. The step size can be chosen by programming the device externally 2. Settling time and phase noise depend on the programmed step size Ordering Code: Model (Specification) AXHS1001 Frequency Range [MHz] 1000-2000 GmbH & Co. KG Wasemweg 5 D-74821 Mosbach Germany AXHS1001 page 1(1) www.axtal.com fon: +49 (6261) 939834 fax: +49 (6261) 939836 E-mail: info@axtal.com |
Price & Availability of AXHS1001 |